Part Number Hot Search : 
TLV16 B3164 IXI858S1 SI9165DB A1209 CAT51 6MSUK CAT51
Product Description
Full Text Search
 

To Download UZE1C470MCL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ALUMINUM ELECTROLYTIC CAPACITORS
ZE
3.95mmL MAX. Chip Type, Bi-polarized
series
Chip type with 3.95mmL MAX, height. Designed for surface mounting on high density PC board. Applicable to automatic mounting machine using carrier tape. Adapted to the RoHS directive (2002/95/EC).
ZP
Smaller
ZE
Specifications
Item Category Temperature Range Rated Voltage Range Rated Capacitance Range Capacitance Tolerance Leakage Current tan Performance Characteristics
- 40 ~ +85C 6.3 ~ 50V 0.1 ~ 47F 20% at 120Hz, 20C After 2 minutes' application of rated voltage, leakage current is not more than 0.05 CV or 10 (A) , whichever is greater.
Rated voltage (V) tan (MAX.) 6.3 0.30 Measurement frequency : 120Hz, Temperature : 20C 10 16 25 35 50 0.24 0.20 0.18 0.16 0.16
Measurement frequency : 120Hz
Stability at Low Temperature
Rated voltage (V) Z- 25C / Z+20C Impedance ratio ZT / Z20 (MAX.) Z- 40C / Z+20C
6.3 4 8
10 3 8
16 2 4
25 2 4
35 2 3
50 2 3
Eudurance
Shelf Life Resistance to soldering heat Marking
After 1000 hours' application of rated voltage Capacitance change Within 30% of initial value at 85C with the polarity inverted every 250 tan 300% or less of initial specified value hours, capacitors meet the characteristic Initial specified value or less Leakage current requirements listed at right. After storing the capacitors under no load at 85C for 1000 hours, and after performing voltage treatment based on JIS C 5101-4 clause 4.1 at 20C, they will meet the specified value for endurance characteristics listed above. The capacitors shall be kept on the hot plate maintained at 250C Capacitance change Within 10% of initial value for 30 seconds. After removing from the hot plate and restored tan Initial specified value or less at room temperature,they meet the characteristic requirements Initial specified value or less Leakage current listed at right. Black print on the case top.
Chip Type
Voltage (C : 16V) Lot No. Series Plastic platform 0.3 MAX. 0.5 MAX. C0.2
Type numbering system (Example : 16V 10F)
1
A0.2
2
3
4
5
6
7
8
9 10 11 12 13 14
U Z E 1 C 1 0 0 MC L 1 GB
Taping code
D0.5
X2 10C ZE
B0.2
E
Capacitance
3.90 +0.05 -0.2
0.5 ~ 0.8
Voltage
V Code 6.3 j 10 A 16 C 25 E 35 V 50 H
D A B C E
4 1.8 4.3 4.3 1.0
5 2.1 5.3 5.3 1.3
(mm) 6.3 2.4 6.6 6.6 2.2
A0.2
Configuration Capacitance tolerance (20%) Rated Capacitance (10F) Rated voltage (16V) Series name Type
Dimensions
V Cap. (F) Code
6.3 0J
10 1A
16 1C
25 1E
35 1V 4 4 4 4 4 5 5 6.3
50 1H 1.0 2.0 2.8 4.0 8.4 13 17 20
0.1 0.22 0.33 0.47 1 2.2 3.3 4.7 10 22 33 47
0R1 R22 R33 R47 010 2R2 3R3 4R7 100 220 330 470
5 6.3 6.3
28 37 45
4 6.3 6.3
17 33 41
4 5 6.3 6.3
12 23 37 49
5 5 6.3
12 16 27
4 5 5 6.3
8.4 16 18 29
Case size D (mm)
Rated ripple
Rated Ripple (mArms) at 85C 120Hz
Frequency coefficient of rated ripple current
Frequency Coefficient 50 Hz 0.70 120 Hz 1.00 300 Hz 1.17 1 kHz 1.36 10 kHz~ 1.50
Taping specifications are given in page 24. Recommended land size are given in page 25. Please contact us for the soldering by reflow. Please refer to page 3 for the minimum order quantity.
CAT.8100V


▲Up To Search▲   

 
Price & Availability of UZE1C470MCL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X